PART |
Description |
Maker |
MMSZ52XXET3G MMSZ5221ET1 MMSZ5223ET1 MMSZ5226ET1 M |
225 W e-Rated Zener 22 V SOD-123; Package: SOD-123 2 LEAD; No of Pins: 2; Container: Tape and Reel; Qty per Container: 3000 22 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Zener Voltage Regulators 500 mW SOD−123 Surface Mount
|
ONSEMI[ON Semiconductor]
|
MM74HC273 MM74HC273M MM74HC273MTC MM74HC273N MM74H |
225 W e-Rated Zener 6.2 V SOT-23; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 10000 225 W e-Rated Zener 6.2 V SOT-23; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 Octal D-Type Flip-Flops with Clear
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MMBZ52XXBLT1 MMBZ52XXBLT1G MMBZ52XXBLT3 MMBZ52XXBL |
Zener Voltage Regulators 225 mW SOT23 Surface Mount(榻?撼绋冲?绠? Zener Voltage Regulators 225 mW SOT23 Surface Mount(齐纳稳压 4.7 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB Zener Voltage Regulators 225 mW SOT23 Surface Mount(齐纳稳压 3.6 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB Zener Voltage Regulators 225 mW SOT-23 Surface Mount
|
ONSEMI[ON Semiconductor]
|
MMSZ4XXXT1 MMSZ4XXXT1G MMSZ4XXXT3 MMSZ4XXXT3G MMSZ |
Low Current Zener Diode 5.6 V SOD-123; Package: SOD-123 2 LEAD; No of Pins: 2; Container: Tape and Reel; Qty per Container: 10000 Zener Voltage Regulators 500 mW SOD123 Surface Mount(500mW锛?OD123锛?〃?㈠?瑁??绾崇ǔ???) Zener Voltage Regulators 500 mW SOD−123 Surface Mount Zener Voltage Regulators 500 mW SOD−123 Surface Mount 25 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Zener Voltage Regulators 500 mW SOD−123 Surface Mount 6.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Zener Voltage Regulators 500 mW SOD−123 Surface Mount 5.6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
http:// ONSEMI[ON Semiconductor] Leshan Radio Company, Ltd.
|
BZX84C2V4LT1 SOT-23 BZX84C2V4LT1THRUBZX84C75LT1 BZ |
Zener Voltage Regulator Didoes CONTACT ELEC CONNECTOR RECEPTACLE,CONN 6POS STRT 225 mW SOT-23 Zener Voltage Regulator Diodes 24 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB 5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM 225毫瓦的SOT - 23封装稳压稳压二极
|
Motorola Inc Motorola, Inc. Motorola Mobility Holdings, Inc. MOTOROLA INC
|
1N5919B 1N5919BRL 1N5930BRL 1N5940BRL 1N5921BRL 1N |
Zener 5.6V 3W 5% Zener 16V 3.0W 5% 3 Watt DO-41 Surmetic-30 Zener Voltage Regulators Zener 6.8V 3W 5% Zener 47V 3.0W 5% Zener 12V 3.0W 5% Zener 56V 3.0W 5% Zener 20V 3.0W 5% Zener 33V 3.0W 5% Zener Diode Zener 180V 3.0W 5% Zener 160V Zener 200V 3.0W 5% Zener 30V 3.0W 5% Zener 62V 3.0W 5%
|
ON Semiconductor
|
MM5Z5V6ST1 MM5Z3V6ST1 MM5Z3V9ST1 MM5Z9V1ST1 MM5Z2V |
ZENER SOD 523 Zener Voltage Regulators
|
ONSEMI[ON Semiconductor]
|
MIC10937 MIC10937J-40 MIC10937P-40_ MIC10937PE-40_ |
DIODE ZENER SINGLE 200mW 6.8Vz 5mA-Izt 0.0588 2uA-Ir 4 SOD-323 3K/REEL 室颤字母数字显示控制 DIODE ZENER SINGLE 200mW 11Vz 5mA-Izt 0.0545 0.1uA-Ir 8 SOD-323 3K/REEL V. F. Alphanumeric Display Controller
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor] http://
|
K4D263238A K4D263238A-GC33 K4D263238A-GC36 K4D2632 |
DIODE ZENER SINGLE 500mW 3.9Vz 0.05mA-Izt 0.05 5uA-Ir 2 SOD-123 3K/REEL 1M x 32Bit x 4 Banks Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL 100万x 32Bit的4银行双数据速率同步DRAM的双向数据选通和DLL DIODE ZENER SINGLE 500mW 3.3Vz 0.05mA-Izt 0.05 7.5uA-Ir 1.5 SOD-123 3K/REEL
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
JR13WRR-4 JR13WCCR-4 JR13WRC-3SC JR13WRC-3S JR13WR |
TRANS PREBIASED DUAL COMP SOT363 TRANS PREBIASED PNP SOT323 DIODE ZENER SINGLE 200mW 15.2Vz 10mA-Izt 0.02535 0.05uA-Ir 12 SOD-323 3K/REEL DIODE SWITCHING SINGLE 75V 250mA-Io 400mW 4ns-trr SOD-123 3K/REEL High-performance water-proof circular connector JR-W connector 高性能防水圆形连接JR钨接 DIODE ZENER SINGLE 500mW 15.2Vz 10mA-Izt 0.02535 0.05uA-Ir 12 SOD-123 3K/REEL 高性能防水圆形连接JR钨接 DIODE ZENER SINGLE 200mW 14Vz 10mA-Izt 0.02503 0.05uA-Ir 11 SOD-323 3K/REEL 高性能防水圆形连接JR钨接 TRANS PREBIASED NPN 200MW SOT-23 高性能防水圆形连接JR钨接 TRANS PREBIASED NPN 150MW SOT523 高性能防水圆形连接JR钨接 TRANS PREBIASED NPN 200MW SOT23 高性能防水圆形连接JR钨接 DIODE ZENER SINGLE 300mW 5.1Vz 5mA-Izt 0.0588 2uA-Ir 2 SOT-23 3K/REEL 高性能防水圆形连接JR钨接 DIODE ZENER SINGLE 500mW 16.1Vz 10mA-Izt 0.02547 0.05uA-Ir 12 SOD-123 3K/REEL 高性能防水圆形连接JR钨接 DIODE SWITCHING SINGLE 75V 250mA-Io 200mW 4ns-trr SOD-323 3K/REEL 高性能防水圆形连接JR钨接 RECTIFIER STANDARD SINGLE 1A 600V 600 30A-ifsm 5uA-ir 1V-vf DO-41 1K/BULK 高性能防水圆形连接JR钨接 RECTIFIER STANDARD SINGLE 1A 600V 600 30A-ifsm 5uA-ir 1V-vf DO-41 5K/AMMO 高性能防水圆形连接JR钨接 HEATPAD TO-220 .006 K4 高性能防水圆形连接JR钨接
|
http:// HIROSE[Hirose Electric] Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
1N5946BRL 1N5946B 1N5924B 1N5925B 1N5956B 1N5956BR |
Zener 75V 3.0W 5% Zener 9.1V 3W 5% Zener 10V 3.0W 5% Zener 3.0W 5% Zener 36V 3.0W 5% Zener 120V 3.0W 5% Zener 30V 3.0W 5% Zener 4.7V 3W 5% Zener 6.2V 3W 5% Zener Diode Zener 12V 3.0W 5% Zener 22V 3.0W 5%
|
ON Semiconductor
|
MM3Z6V2ST1G MM3Z12VST1G MM3Z22VST1G |
Zener Diode 200 mW 6.2 V ±2%SOD-323; Package: SOD-323 2 LEAD; No of Pins: 2; Container: Tape and Reel; Qty per Container: 3000 6.19 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Zener Diode 200 mW 12 V ±2%SOD-323; Package: SOD-323 2 LEAD; No of Pins: 2; Container: Tape and Reel; Qty per Container: 3000 11.99 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Zener Diode 200 mW 22 V 2%SOD-323 22 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
ON Semiconductor
|